Part Number Hot Search : 
F08A40 Q2012NH5 0504A1 1N4744A CTGS104 M1610 BM200 215SH3
Product Description
Full Text Search
 

To Download ERF5-020-050-L-DV-K-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  designed & dimensioned in millimeters[inches] do not scale from this print "n" ref 3.00 .118 ref 1.32 ref .052 "a" "a" erf5-xxx-xx.x-dv-xx (see table 3 & 7) "b" ref 4.95 .195 ref 2.81 ref .111 "a" ref 0.50 (typ) .020 (tol non-accum) "c" 02 60 59 01 c c position #1 indicator c -05.0 shown erf5-xxx-xx.x-x-dv-xx-tr no of positions (per row) lead style -05.0 = 5mm -07.0 = 7mm plating specification -l: 10" selective gold in contact area, matte tin tail -s: 30" selective gold in contact area, matte tin tail -dv: double vertical row specification option -005, -010, -020, -030, -040, -050, -060, -070, -075 -k: polyimide film pad -fl: friction lock (option includes a weld tab, only available up to 30 positions) -wt: weld tab 1.40 .055 ref ref "d" "c" 0.50 (typ) .020 (tol non-accum) 3 max sway (typ) 'd' c l c c 4.75 ref .187 1.26 ref .050 1.89 0.12 .075 .005 4.49 0.20 .177 .008 1.09 ref .043 (2 plcs) "l" section "a"-"a" scale 5 : 1 c c-247-xx.x-x (see table 7) 0.50 [.020] x 5 ref c c c see table 1 1.10 .043 ref 1.32 .052 ref detail 'd' scale 5 : 1 c fig 1 erf5-030-05.0-x-dv-xx shown packaging -tr: tape & reel (see note 5) sheet of unless otherwise specified, dimensions are in millimeters [inches]. tolerances are: decimals angles x.x: 0.3 [.01] 2 x.xx: 0.13 [.005] x.xxx: 0.050 [.0020] material: 0.5mm edge rate socket assembly by: erf5-xxx-xx.x-x-dv-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing clay w 09-23-2010 3 1 sheet scale: 2:1 insulator: lcp, color: black contact : becu f:\dwg\misc\mktg\erf5-xxx-xx.x-x-dv-xx-mkt.slddrw notes: 1. represents a critical dimension. 2. maximum burr allowance: 0.038[.0015] 3. minimum contact pushout force: 1.6 n [.4 lb]. minimum weld tab pushout force: 4.45 n [1 lb] 4. deleted 5. for quantities up to 49 pieces, no leader, trailer, or reel will be supplied. for quantities 50-124, no leader, or trailer will be supplied 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail info@samtec.com code 55322 revision m
6.00 .236 "e" 0.50 [.020] c l c l fig 2 -k option (use k-850-650) erf5-030-05.0-x-dv-k shown c "k" 0.53 - 0.20 + 0.50 (typ) .021 - .008 + .020 c 3 max sway (typ) in process 1 cut c-247-xx.x-x contact combs (all tails same direction) c 0.79 .031 (typ) c sheet of 0.5mm edge rate socket assembly by: erf5-xxx-xx.x-x-dv-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing clay w 09-23-2010 3 2 sheet scale: 2:1 revision m f:\dwg\misc\mktg\erf5-xxx-xx.x-x-dv-xx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail info@samtec.com code 55322
0.30 .012 ref "h" erf5-xxx-05.0-dv-fl wt-36-xx-t fig 3 erf5-030-05.0-x-dv-fl shown (same as fig 1 except as shown) (option includes a weld tab, only available up to 30 positions) "f" ref "g" ref 02 60 59 01 c "j" ref c l c "m" 0.50 .020 ref 0.50 .020 c scale 6:1 "h" erf5-xxx-05.0-dv-wt fig 4 erf5-030-05.0-x-dv-wt shown (same as fig 3 except as shown) wt-36-xx-t "f" ref m c "j" ref c "m" 0.50 .020 ref 0.50 .020 c scale 6:1 sheet of 0.5mm edge rate socket assembly by: erf5-xxx-xx.x-x-dv-xx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing clay w 09-23-2010 3 3 sheet scale: 2:1 revision m f:\dwg\misc\mktg\erf5-xxx-xx.x-x-dv-xx-mkt.slddrw 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail info@samtec.com code 55322


▲Up To Search▲   

 
Price & Availability of ERF5-020-050-L-DV-K-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X